PART |
Description |
Maker |
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
IRU1030CD IRU1030CM IRU1030CT IRU1030 IRU1030CDTR |
3A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
IRF[International Rectifier]
|
APL1084 APL1084-33FC-TR APL1084-33FC-TRL APL1084-3 |
Adj V, 5 A low dropout fast response positive adjustable regulator and fixed 3.3 V Adj, 5 A low dropout fast response positive adjustable regulator and fixed 3.3 V 5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V 3.3 V, 5 A low dropout fast response positive adjustable regulator and fixed 3.3 V
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration]
|
APL1541-33KC-TUL APL1541-33KC-TRL APL1541-KC-TRL |
3.3 V, 1 A low dropout fast response positive adjustable regulator and fixed Adj, 1 A low dropout fast response positive adjustable regulator and fixed
|
ANPEC Electronics Corporation
|
MC10H130FN MC10H130L MC10H130P ON0752 |
Dual In/Single Out Autoswitching Power MUX, Manual/Auto Sw, Adj. Cur Limit, Adj. Vol Threshold 8-TSSOP -40 to 85 10H SERIES, DUAL LOW LEVEL TRIGGERED D LATCH, COMPLEMENTARY OUTPUT, PDIP16 From old datasheet system Dual Latch
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MIC5213-2.5BC5 MIC5213-2.8BC5 MIC5213-3.0BC5 MIC52 |
Teeny??SC-70 ??ap Low-Dropout Regulator Advance Information TeenySC-70 Cap Low-Dropout Regulator Advance Information 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 TeenySC-70 Cap Low-Dropout Regulator Advance Information 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 Teeny SC-70 μCap Low-Dropout Regulator(Teeny μCap技术SC-70封装低压差稳压器) 4.5V to 20V, 3A Synchronous Step Down SWIFT Converter 5.0 Vout 16-HTSSOP -40 to 85 TeenySC-70 レCap Low-Dropout Regulator Advance Information Teeny⑩ SC-70 レCap Low-Dropout Regulator Advance Information Teeny SC-70 Cap Low-Dropout Regulator Advance Information Teeny SC-70 μCap Low-Dropout Regulator Advance Information Teeny?/a> SC-70 μCap Low-Dropout Regulator Advance Information
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
8178 A8178LLR A8178LLT |
Low-Dropout, 7.7 V Preregulator(浣??宸??7.7V棰?ǔ???) Low-Dropout, 7.7 V Preregulator(低压差,7.7V预稳压器) 低压差,7.7 V前置稳压器(低压差,7.7V预稳压器 LOW-DROPOUT, 7.7 V PREREGULATOR 低压差,7.7 V前置稳压 DCMM37SM LOW-DROPOUT/ 7.7 V PREREGULATOR LOW-DROPOUT 7.7 V PREREGULATOR From old datasheet system
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
APL1087-25VC-TR APL1087-18VC-TU APL1087-33VC-TU AP |
2.5 V, 800 mA low dropout fast response positive adjustable regulator and fixed 1.8 V, 800 mA low dropout fast response positive adjustable regulator and fixed 3.3 V, 800 mA low dropout fast response positive adjustable regulator and fixed Adj, 800 mA low dropout fast response positive adjustable regulator and fixed
|
ANPEC Electronics Corporation
|
APL1087E-18VC-TR APL1087E-25VC-TU APL1087E-VC-TR A |
1.8 V, 800 mA low dropout fast response positive adjustable regulator and fixed 2.5 V, 800 mA low dropout fast response positive adjustable regulator and fixed Adj, 800 mA low dropout fast response positive adjustable regulator and fixed 3.3 V, 800 mA low dropout fast response positive adjustable regulator and fixed
|
ANPEC Electronics Corporation
|
AP1086D18A AP1086K50A AP1086K50L AP1086K50LA AP108 |
1.8 V; 1.5 A low dropout positive adjustable or fixed-mode regulator 5.0 V; 1.5 A low dropout positive adjustable or fixed-mode regulator Adj; 1.5 A low dropout positive adjustable or fixed-mode regulator 1.5 V; 1.5 A low dropout positive adjustable or fixed-mode regulator 2.5 V; 1.5 A low dropout positive adjustable or fixed-mode regulator 3.3 V; 1.5 A low dropout positive adjustable or fixed-mode regulator
|
Anachip
|